PART |
Description |
Maker |
2N930CSM |
HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED/ MEDIUM POWER/ NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS Supercapacitor; Capacitance:0.68F; Series:EDL; Voltage Rating:5.5VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Stacked Coin
|
Central Semiconductor Corp SEME-LAB[Seme LAB] TT electronics Semelab Limited
|
2N2484CSM 2N2484ACSM |
60V Vce, 0.05A Ic NPN bipolar transistor 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 HIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
Electronic Theatre Controls, Inc. SEME-LAB[Seme LAB] SemeLAB
|
2SD1214 |
Si NPN planar darlington. Medium speed power switching.
|
Panasonic
|
2SC5421 EE08021 |
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY/ COLOR TV. HIGH SPEED SWITCHING APPLICATIONS) NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS) From old datasheet system
|
TOSHIBA[Toshiba Semiconductor]
|
FXT458 |
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR From old datasheet system
|
ZETEX[Zetex Semiconductors]
|
2N3700DCSM |
HIGH VOLTAGE, MEDIUM POWER, NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH VOLTAGE/ MEDIUM POWER/ NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS High Voltage Medium Power NPN Dual Transistor In a Hermetically Sealed Cermic Surface Mount Package For High Reliability Application(高电压、中等功率、高可靠性、双NPN晶体管(陶瓷表贴封装 中高压双电源npn型晶体管在密封的六窑业表面贴装封装,高可靠性的应用(高电压,中等功率,高可靠性,双npn型晶体管(陶瓷表贴封装)
|
SemeLAB SEME-LAB[Seme LAB]
|
2N2222ADCSM06 |
DUAL HIGH SPEED, MEDIUM POWER
|
Seme LAB
|
2SA1969 |
High-Frequency Medium-Output Amplifier, Medium-Current Ultrahigh-Speed Switching Applications
|
SANYO[Sanyo Semicon Device]
|
FZT1053 FZT1053A |
NPN Med Power Transistor SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
|
ZETEX[Zetex Semiconductors] Diodes Incorporated
|
2N2894ACSM08 |
HIGH SPEED, MEDIUM POWER, PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
Seme LAB
|
SG2823 SG2823J_DESC SG2823L_DESC SG2823N SG2803J S |
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS 0.5 A, 50 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR POWERQUICC II HIP4 REV B From old datasheet system Driver - Medium Current Array
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
2SC4953 |
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching) 3 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
Panasonic Industrial Solutions PANASONIC[Panasonic Semiconductor]
|